| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6031E/ST Fiches technique(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6031E/ST Fiches technique(HTML) 20 Page - Microchip Technology |
|
20 / 30 page ![]() MCP6031/2/3/4 DS22041A-page 20 © 2007 Microchip Technology Inc. Package Marking Information (Continued) 14-Lead TSSOP (MCP6034) Example: 14-Lead SOIC (150 mil) (MCP6034) Example: XXXXXXXXXX YYWWNNN XXXXXX YYWW NNN 6034EST 0711 256 XXXXXXXXXX MCP6034 0711256 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e E/SL^^ 3 e |