Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6031TE/MS Fiches technique(PDF) 20 Page - Microchip Technology

No de pièce MCP6031TE/MS
Description  0.9 uA, High Precision Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6031TE/MS Fiches technique(HTML) 20 Page - Microchip Technology

Back Button MCP6031TE/MS Datasheet HTML 16Page - Microchip Technology MCP6031TE/MS Datasheet HTML 17Page - Microchip Technology MCP6031TE/MS Datasheet HTML 18Page - Microchip Technology MCP6031TE/MS Datasheet HTML 19Page - Microchip Technology MCP6031TE/MS Datasheet HTML 20Page - Microchip Technology MCP6031TE/MS Datasheet HTML 21Page - Microchip Technology MCP6031TE/MS Datasheet HTML 22Page - Microchip Technology MCP6031TE/MS Datasheet HTML 23Page - Microchip Technology MCP6031TE/MS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
MCP6031/2/3/4
DS22041A-page 20
© 2007 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead TSSOP (MCP6034)
Example:
14-Lead SOIC (150 mil) (MCP6034)
Example:
XXXXXXXXXX
YYWWNNN
XXXXXX
YYWW
NNN
6034EST
0711
256
XXXXXXXXXX
MCP6034
0711256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
E/SL^^
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30