| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2116AU/12 Fiches technique(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2116AU/12 Fiches technique(HTML) 49 Page - NXP Semiconductors |
|
49 / 64 page ![]() Notes 1. X = don’t care. 2. SDA is left at high-impedance by the microcontroller during the READ acknowledge. 24 read data: 8 × SCL + master acknowledge; note 2 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack 8 × SCL; code of letter ‘H’ is read first. During master acknowledge code of ‘I’ is loaded into the I2C interface. 010010000 PHILIPS 25 read data: 8 × SCL + no master acknowledge; note 2 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack No master acknowledge; After the content of the I2C interface register is shifted out no internal action is performed. No new data is loaded to the interface register, Data Register (DR) is not updated, Address Counter (AC) is not incremented and cursor is not shifted. 010010011 PHILIPS 26 I2C STOP PHILIPS STEP I2C BYTE DISPLAY OPERATION |