| Moteur de recherche de fiches techniques de composants électroniques |
|
CSTCV24M0X51Q-R0 Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
CSTCV24M0X51Q-R0 Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd |
|
1 / 2 page ![]() Product Search Data Sheet CSTCV24M0X51Q-R0 Note: This datasheet may be out of date. Please download the latest datasheet of CSTCV24M0X51Q-R0 from the official website of Murata Manufacturing Co., Ltd. http://www.murata.com/en/products/productdetail?partno=CSTCV24M0X51Q-R0 Attention 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : https://www.murata.com/ Last updated03/04/2024 Applications Unsuitable Applications Please be sure to read and comply with these "Precautions for use." Specific Applications Automotive powertrain/safety equipment Please refer to Our Website and specifications, etc. for information about the performance, functions, quality, management, and safety required for the above applications, and use Products after confirming the performance and reliability of the actual Product. Appearance & Shape Packaging Information Packaging Specifications Standard Packing Quantity R0 180mm Embossed Tape 2000 Features MURATA's frequency adjustment and package technology expertise has enabled the development of the chip CERALOCK. This diverse series owes its development to MURATA's original mass production techniques and high reliability,and has achieved importance in the worldwide automotive market. Features 1. The series has high reliability and is available for a wide temperature range. 2. Oscillation circuits do not require external load capacitors. 3. The series is available in a wide frequency range. 4. The resonators are extremely small and have a low profile. 5. No adjustment is necessary for oscillation circuits. 1 of 2 |
Numéro de pièce similaire - CSTCV24M0X51Q-R0_V01 |
|
Description similaire - CSTCV24M0X51Q-R0_V01 |