| Moteur de recherche de fiches techniques de composants électroniques |
|
STR730-SK Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR730-SK Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() STR91X-SK/IAR, STR7xx-SK/IAR 2/4 KickStart development board: The KickStart development boards are available for STR711F, STR712F, STR730F, STR731F and STR91xF microcontrollers. Key features for these boards are summarized in Table 1: Software CD with: IAR Embedded Workbench for ARM Table 1. KickStart development board key features Feature Starter Kit STR91X- SK/IAR STR750- SK/IAR STR731- SK/IAR STR730- SK/IAR STR712- SK/IAR STR711- SK/IAR Included STR7 microcontroller STR912FW4 STR750FV2 STR731FV2 STR730FZ2 STR712FR2 STR711FR2 20-pin JTAG interface connector Yes Yes Yes Yes Yes Yes 38-pin trace tool connector Yes No N/A N/A N/A N/A Power supply from JLink USB connection Yes Yes Yes Yes Yes Yes Backup power supply 3V button battery No No N/A N/A N/A UART connector(s) 3 32422 SPI Yes Yes Yes Yes Yes Yes I2C Yes Yes Yes Yes Yes Yes CAN connector Yes Yes No Yes Yes No USB connector Yes Yes Yes No No Yes Ethernet connector Yes No No No No No User LEDs 16 16 2 16 2 2 LCD display Yes (2x16) Yes (2x16) Yes (2x16) Yes (2x16) No No SD/MMC connector Yes Yes No No No No Potentiometer connected to ADC Yes Yes Yes Yes Yes Yes User push button(s) 2 42422 Reset button Yes Yes Yes Yes Yes Yes Wrap area Yes Yes Yes Yes Yes Yes Motor control connector Yes No No No No No ■ KickStart 32KB C/C++ compiler ■ C-SPY debugger ■ Complete integration with JLink-KS ■ Editor, linker and librarian tools ■ Built-in Flash programming |