| Moteur de recherche de fiches techniques de composants électroniques |
|
ST10F276 Fiches technique(PDF) 214 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F276 Fiches technique(HTML) 214 Page - STMicroelectronics |
|
214 / 229 page ![]() Electrical characteristics ST10F276 214/229 Figure 61. Demultiplexed bus, with/without read/write delay and normal ALE Write cycle CLKOUT ALE A23-A16 A15-A0 (P1) BHE WR WRL WRH Data In Data Out t 38 t 5 t 16 t 39 t 41 t 18 t 14 t 22 t 12 Address t 17 t 13 t 15 t 12 t 13 t21 t 20 t 81 t 80 t 26 t 24 t 17 t 6 t 41u t 6 t 80 t 81 t 28 (or t28h) CSx Read cycle Data Bus (P0) RD 1) (D15-D8) D7-D0 Data Bus (P0) (D15-D8) D7-D0 1) Un-latched CSx = t41u = t41 TCL =10.5 + tF. |