| Moteur de recherche de fiches techniques de composants électroniques |
|
ST10F276 Fiches technique(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F276 Fiches technique(HTML) 69 Page - STMicroelectronics |
|
69 / 229 page ![]() ST10F276 Bootstrap loader 69/229 Therefore a value: ● 0xXX03 configures the Selective Bootstrap Loader to poll for RxD0 and CAN1_RxD. ● 0xXX01 configures the Selective Bootstrap Loader to poll only RxD0 (no boot via CAN). ● 0xXX02 configures the Selective Bootstrap Loader to poll only CAN1_RxD (no boot via UART). ● Other values allow the ST10F276 to execute an endless loop into the Test-Flash. Table 37. Selective boot Bit Function 0 UART selection ‘0’: UART is not watched for a Start condition. ‘1’: UART is watched for a Start condition. 1 CAN1 selection ‘0’: CAN1 is not watched for a Start condition. ‘1’: CAN1 is watched for a Start condition. 2..7 Reserved For upward compatibility, must be programmed to ‘0’ |