Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F276 Fiches technique(PDF) 69 Page - STMicroelectronics

No de pièce ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Fiches technique(HTML) 69 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 65Page - STMicroelectronics ST10F276_06 Datasheet HTML 66Page - STMicroelectronics ST10F276_06 Datasheet HTML 67Page - STMicroelectronics ST10F276_06 Datasheet HTML 68Page - STMicroelectronics ST10F276_06 Datasheet HTML 69Page - STMicroelectronics ST10F276_06 Datasheet HTML 70Page - STMicroelectronics ST10F276_06 Datasheet HTML 71Page - STMicroelectronics ST10F276_06 Datasheet HTML 72Page - STMicroelectronics ST10F276_06 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 229 page
background image
ST10F276
Bootstrap loader
69/229
Therefore a value:
●
0xXX03 configures the Selective Bootstrap Loader to poll for RxD0 and CAN1_RxD.
●
0xXX01 configures the Selective Bootstrap Loader to poll only RxD0 (no boot via CAN).
●
0xXX02 configures the Selective Bootstrap Loader to poll only CAN1_RxD (no boot via
UART).
●
Other values allow the ST10F276 to execute an endless loop into the Test-Flash.
Table 37.
Selective boot
Bit
Function
0
UART selection
‘0’: UART is not watched for a Start condition.
‘1’: UART is watched for a Start condition.
1
CAN1 selection
‘0’: CAN1 is not watched for a Start condition.
‘1’: CAN1 is watched for a Start condition.
2..7
Reserved
For upward compatibility, must be programmed to ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More