Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LQFP100 Fiches technique(PDF) 410 Page - STMicroelectronics

No de pièce LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Fiches technique(HTML) 410 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 406Page - STMicroelectronics LQFP100 Datasheet HTML 407Page - STMicroelectronics LQFP100 Datasheet HTML 408Page - STMicroelectronics LQFP100 Datasheet HTML 409Page - STMicroelectronics LQFP100 Datasheet HTML 410Page - STMicroelectronics LQFP100 Datasheet HTML 411Page - STMicroelectronics LQFP100 Datasheet HTML 412Page - STMicroelectronics LQFP100 Datasheet HTML 413Page - STMicroelectronics LQFP100 Datasheet HTML 414Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 429 page
background image
410/429
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
By:
Compiled code (with –O2 optimization option) and hexa is:
spp(WU_PG);
WU_CTLR = WUm_wuit | WUm_id1s | WUm_stop;
WU_CTLR = WUm_wuit | WUm_id1s;
WU_CTLR = WUm_wuit | WUm_id1s | WUm_stop;
asm(“nop”);
Dummy_16bit_data = 0;
C language
Assembly
Hexa
Comment
WU_CTLR = WUm_wuit |
WUm_id1s | WUm_stop;
ld @WU_CTLR, #7
F5 F9 07
WU_CTLR = WUm_wuit |
WUm_id1s;
ld @WU_CTLR, #3
F5 F9 03
WU_CTLR = WUm_wuit |
WUm_id1s | WUm_stop;
ld @WU_CTLR, #7
F5 F9 07
The CORE executes the
following NOP and
prefetch the 2 following
bytes (BF and 00)
NOP
nop
FF
Dummy_16bit_data = 0;
ldw RR0,#0
BF 00 00 00
The two first bytes fetch
in flash after wake up are
00 00
RR0 is always filled with
00 RR0 is not used in the
software
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More