| Moteur de recherche de fiches techniques de composants électroniques |
|
LQFP100 Fiches technique(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQFP100 Fiches technique(HTML) 55 Page - STMicroelectronics |
|
55 / 429 page ![]() 55/429 ST92F124/F150/F250 - SINGLE VOLTAGE FLASH & E3 TM (EMULATED EEPROM) Figure 33. Hardware Emulation Flow 3.2.5 Important note on Flash Erase Suspend Refer to Section 13.1 on page 408; Emulation Flow Reset Read Status Pages Map E3 TM in current sector Write operation to complete ? Complete Write operation Update Status page Yes No Wait for Update commands Page Update Command End Page Update Interrupt (to Core) Program selected Page from RAM buffer in next free block Copy all other Pages into RAM buffer; then program them in next free block 1/4 erase of complementary sector Update Status Page new sector ? Yes No Complementary sector erased ? Yes No 9 |