| Moteur de recherche de fiches techniques de composants électroniques |
|
LQFP100 Fiches technique(PDF) 146 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQFP100 Fiches technique(HTML) 146 Page - STMicroelectronics |
|
146 / 429 page ![]() 146/429 ST92F124/F150/F250 - EXTERNAL MEMORY INTERFACE (EXTMI) EXTERNAL MEMORY SIGNALS (Cont’d) Figure 77. Effects of DS2EN on the behavior of DS and DS2 n DS STRETCH T1 T2 T1 T2 NO WAIT CYCLE 1 DS WAIT CYCLE SYSTEM AS (MC=0) DS2EN=0 OR (DS2EN=1 AND UPPER MEMORY ADDRESSED): DS2EN=1 AND LOWER MEMORY ADDRESSED: DS OEN OEN DS2 (MC=1, READ) (MC=1, WRITE) (MC=0) OEN DS2 (MC=0) OEN2 (MC=1, READ) OEN2 (MC=1, WRITE) CLOCK OEN2 (MC=1) (MC=0) (MC=1, READ) (MC=1, WRITE) DS (MC=0) (MC=1) ALE (MC=1) 9 |