Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4975 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button TS4975_05 Datasheet HTML 26Page - STMicroelectronics TS4975_05 Datasheet HTML 27Page - STMicroelectronics TS4975_05 Datasheet HTML 28Page - STMicroelectronics TS4975_05 Datasheet HTML 29Page - STMicroelectronics TS4975_05 Datasheet HTML 30Page - STMicroelectronics TS4975_05 Datasheet HTML 31Page - STMicroelectronics TS4975_05 Datasheet HTML 32Page - STMicroelectronics TS4975_05 Datasheet HTML 33Page - STMicroelectronics TS4975_05 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Application Information
TS4975
30/36
4.7
Notes on PSRR measurement
What is PSRR?
The PSRR is the Power Supply Rejection Ratio. The PSRR of a device is the ratio between a
power supply disturbance and the result on the output. In other words, the PSRR is the ability of
a device to minimize the impact of power supply disturbance to the output.
How we measure the PSRR?
The PSRR was measured according to the schematic shown in
Figure 62.
Figure 62. PSRR measurement schematic
Principles of operation
●
The DC voltage supply (VCC) is fixed
●
The AC sinusoidal ripple voltage (Vripple) is fixed
●
No bypasss capacitor Cs is used
The PSRR value for each frequency is calculated as:
RMS is a rms selective measurement.
PSRR
20Log
RMS
Out put
()
RMS
V
ri pple
()
--------------------------------- dB
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36