Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTH112U Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STTH112U
Description  High voltage ultrafast rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH112U Fiches technique(HTML) 4 Page - STMicroelectronics

  STTH112U Datasheet HTML 1Page - STMicroelectronics STTH112U Datasheet HTML 2Page - STMicroelectronics STTH112U Datasheet HTML 3Page - STMicroelectronics STTH112U Datasheet HTML 4Page - STMicroelectronics STTH112U Datasheet HTML 5Page - STMicroelectronics STTH112U Datasheet HTML 6Page - STMicroelectronics STTH112U Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package mechanical data
STTH112
4/7
2
Package mechanical data
●
Epoxy meets UL 94, V0
Figure 8.
Footprint (dimensions in mm)
Table 5.
SMA dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.094
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.40
0.006
0.016
D
2.25
2.90
0.089
0.114
E
4.80
5.35
0.189
0.211
E1
3.95
4.60
0.156
0.181
L
0.75
1.50
0.030
0.059
E
C
L
E1
D
A1
A2
b
2.63
5.43
1.4
1.64
1.4



Html Pages

1 2 3 4 5 6 7