Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF1179 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce PCF1179
Description  4-digit duplex LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1179 Fiches technique(HTML) 3 Page - NXP Semiconductors

  PCF1179 Datasheet HTML 1Page - NXP Semiconductors PCF1179 Datasheet HTML 2Page - NXP Semiconductors PCF1179 Datasheet HTML 3Page - NXP Semiconductors PCF1179 Datasheet HTML 4Page - NXP Semiconductors PCF1179 Datasheet HTML 5Page - NXP Semiconductors PCF1179 Datasheet HTML 6Page - NXP Semiconductors PCF1179 Datasheet HTML 7Page - NXP Semiconductors PCF1179 Datasheet HTML 8Page - NXP Semiconductors PCF1179 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1997 Apr 16
3
Philips Semiconductors
Product specification
4-digit duplex LCD car clock
PCF1179C
PINNING
SYMBOL
PIN
DESCRIPTION
S1
1
hour adjustment input
DATA
2
EEPROM data input
OSC IN
3
oscillator input
OSC OUT
4
oscillator output
VSS
5
negative supply voltage
MODE
6
12/24-hour mode select input
VPP
7
programming voltage input
TS
8
test speed-up mode input
ENABLE
9
enable input (for S1 and S2)
VDD
10
positive supply voltage
FLASH
11
colon option input
SEL
12
EEPROM select input
S2
13
minute adjustment input
B4/C4
14
segment driver
G4/D4
15
segment driver
F4/E4
16
segment driver
B3/C3
17
segment driver
G3/AD3
18
segment driver
F3/E3
19
segment driver
A4/COL
20
segment driver
B2/C2
21
segment driver
G2/D2
22
segment driver
F2/E2
23
segment driver
B1/C1
24
segment driver
A2/ADEG1
25
segment driver
AM/PM
26
segment driver
BP2
27
backplane 2
BP1
28
backplane 1
Fig.1 Pin configuration, PCF1179CT, (SO28).
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
PCF1179CT
S1
DATA
OSC OUT
SS
MODE
PP
TS
ENABLE
DD
FLASH
SEL
S2
B4/C4
V
V
V
OSC IN
G4/D4
F4/E4
B3/C3
G3/AD3
F3/E3
A4/COL
B2/C2
G2/D2
F2/E2
B1/C1
A2/ADEG1
AM/PM
BP2
BP1
MSB231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20