| Moteur de recherche de fiches techniques de composants électroniques |
|
PC18B05 Fiches technique(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC18B05 Fiches technique(HTML) 2 Page - ATMEL Corporation |
|
2 / 12 page ![]() 2 1389CS–CASIC–06-Nov-06 ATC18 Summary 1.1 Absolute Maximum Ratings Operation of a device outside the range given in Table 1-2 may cause permanent damage to the device and/or affect reliability. The Atmel cell libraries have been designed in order to be compatible with each other. Simula- tion representations exist for three types of operating conditions. They correspond to the characterization conditions defined as follows: • MIN conditions (industrial best case): T J = -40° C V DD(cell) = 1.95V Process = fast • TYP conditions (industrial typical case): T J = +25° C V DD(cell) = 1.8V Process = typ • MAX conditions (industrial worst case): T J = +100° C V DD(cell) = 1.60V Process = slow Delays to tristate are defined as delay to turn off (VGS < VT) of the driving devices. Output pad drain current corresponds to the output current of the pad when the output voltage is V OL or VOH. The output resistor of the pad and the voltage drop due to access resistors (in and out of the die) are taken into account. In order to have accurate timing estimates, all character- ization has been run on electrical netlists extracted from the layout database. Table 1-2. Absolute Maximum Ratings Symbol Parameter Conditions Min Max Unit V DD DC Supply Voltage Core -0.3 2.0 V VDD2.5 DC Supply voltage 2.5V Interface I/Os -0.3 4.0 V VDD3.3 DC Supply Voltage 3.3V Interface I/Os -0.3 4.0 V VI V I DC Input Voltage,1.8V I/Os -0.3 V DD + 0.3, 2.0 max V DC Input Voltage, 3.3V I/Os -0.3 VDD3.3 + 0.3, 4.0 max V V O VO DC Output Voltage, 1.8V I/Os -0.3 VDD+ 0.3, 2.0 max V DC Output Voltage, 3.3V I/Os -0.3 V DD3.3 + 0.3, 4.0 max V TEMP Operating Free Air Temperature Range Industrial -40 +125 ° C TSG Storage Temperature -60 +150 ° C |