Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC18B02 Fiches technique(PDF) 10 Page - ATMEL Corporation

No de pièce PC18B02
Description  Cell-based ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC18B02 Fiches technique(HTML) 10 Page - ATMEL Corporation

Back Button PC18B02 Datasheet HTML 4Page - ATMEL Corporation PC18B02 Datasheet HTML 5Page - ATMEL Corporation PC18B02 Datasheet HTML 6Page - ATMEL Corporation PC18B02 Datasheet HTML 7Page - ATMEL Corporation PC18B02 Datasheet HTML 8Page - ATMEL Corporation PC18B02 Datasheet HTML 9Page - ATMEL Corporation PC18B02 Datasheet HTML 10Page - ATMEL Corporation PC18B02 Datasheet HTML 11Page - ATMEL Corporation PC18B02 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
1389CS–CASIC–06-Nov-06
ATC18 Summary
Table 7-3 gives the range of permitted via programmable ROM configurations.
Notes:
1. CM = 16, 32, 64: Column Mux option
2. Min = 256 for CM = 16; min = 512 for CM = 32; min = 1K for CM = 64
7.4
Two-port Synchronous Register File
Key features of the two-port synchronous register file are:
• 2-Port (1R, 1W) high-speed/low-power Register File
• 500MHz worst-case cycle time for 32 words x 32 bits
• Zero Quiescent Current
• 3-state outputs
• Several aspect ratios for optimization
• Separate Data-in, Data-out pins
• Optional sub word write decode
The two-port synchronous register file compiler is a 2-port (1R, 1W) memory designed in 0.18-
micron process. This is a high-speed/low-power synchronous register file compiler. The quies-
cent current consumption is zero when all Register File inputs (including CLKA and CLKB) are
stable. The compiler is optimized for a power supply voltage range of 1.6V to 2.0V and can oper-
ate at voltages as low as 1.2V. The Register File instances can be built with several aspect
ratios for maximum area and performance optimization. Separate clocks (CLKA, CLKB), output
(QB), and input (DA) pins allow independent read and write cycles. Built-in BIST interface allows
for easy connection to most memBIST solutions. The memory also includes a sub-word feature
where selective write to each group of 2-, 4- or 8-bit sub-words can be done. A maskable write
enable signal is optionally provided for each 2-, 4-, or 8-bit group. Within limits, the user has flex-
ibility in specifying the logical size of the Register File, including word size, number of address
locations and column mux.
Table 7-4 gives the range of permitted two-port synchronous register file configurations.
Notes:
1. CM = 1, 2, 4: Column Mux option
2. Minimum word size is 8 at column mux 4.
Table 7-3.
Configuration Range
Parameter
Min
Max
Increment
Address Locations (words)
256(2)
64K
4 x CM(1)
Word Size (Number of I/O bits)
8
64
1 bit
Total Bits in Core (Word Size x Address Locations)
2K
1M
Table 7-4.
Configuration Range
Parameter
Min
Max
Increment
Address Locations (words)
8
1024
1 x CM(1)
Word Size (Number of I/O bits)
2(2)
256
1 bit
Total Bits in Core (Word Size x Address Locations)
16
16K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com