Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF1179CT Fiches technique(PDF) 12 Page - NXP Semiconductors

No de pièce PCF1179CT
Description  4-digit duplex LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1179CT Fiches technique(HTML) 12 Page - NXP Semiconductors

Back Button PCF1179CT Datasheet HTML 8Page - NXP Semiconductors PCF1179CT Datasheet HTML 9Page - NXP Semiconductors PCF1179CT Datasheet HTML 10Page - NXP Semiconductors PCF1179CT Datasheet HTML 11Page - NXP Semiconductors PCF1179CT Datasheet HTML 12Page - NXP Semiconductors PCF1179CT Datasheet HTML 13Page - NXP Semiconductors PCF1179CT Datasheet HTML 14Page - NXP Semiconductors PCF1179CT Datasheet HTML 15Page - NXP Semiconductors PCF1179CT Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1997 Apr 16
12
Philips Semiconductors
Product specification
4-digit duplex LCD car clock
PCF1179C
Table 2
Bonding pad locations (dimensions in
µm)
All x/y coordinates are referenced to the bottom left pad (VSS), see Fig.7.
PAD
x
y
PAD
x
y
S1
−138
881
G4/D4
1438
1588
DATA
−138
639
F4/E4
1438
1808
OSC IN
−138
408
B3/C3
1438
2028
OSC OUT
−138
188
G3/AD3
1438
2248
VSS
0
0
F3/E3
1400
2476
MODE
383
0
A4/COL
1000
2476
VPP
583
0
B2/C2
800
2476
TS
846
0
G2/D2
600
2476
ENABLE
1046
0
F2/E2
400
2476
VDD
1352
0
B1/C1
0
2476
FLASH
1438
188
A2/ADEG1
−138
2248
SEL
1438
408
AM/PM
−138
2028
S2
1438
628
BP2
−138
1808
B4/C4
1438
848
BP1
−138
1588
chip corner (max. value)
−355
−175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20