Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T2921 Fiches technique(PDF) 25 Page - ITT Industries

No de pièce T2921
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

T2921 Fiches technique(HTML) 25 Page - ITT Industries

Back Button T2921 Datasheet HTML 21Page - ITT Industries T2921 Datasheet HTML 22Page - ITT Industries T2921 Datasheet HTML 23Page - ITT Industries T2921 Datasheet HTML 24Page - ITT Industries T2921 Datasheet HTML 25Page - ITT Industries T2921 Datasheet HTML 26Page - ITT Industries T2921 Datasheet HTML 27Page - ITT Industries T2921 Datasheet HTML 28Page - ITT Industries T2921 Datasheet HTML 29Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
129
Assy Insts
RF Coaxial Connectors
Assembly Instructions
AI-772
MCX Straight Connectors, Crimp Type for Braided Cable
1. Trim cable to dimensions shown. Do not nick outer braid or center conductor. Tin center conductor
with solder (DO NOT OVER TIN).
2. Slide ferrule over stripped end of cable. Tin inside diameter of contact with solder. Slide contact
over center conductor while applying heat until contact butts on the dielectric of the cable.
3. Slide contact and cable into the body sub-assembly until the dielectric of the cable stops on the
insulator.
4. Slide ferrule up over the cable braid until it touches the body. Crimp the ferrule in place as shown
using ITT Cannon Crimp Tool and suitable die set (see table).
FERRULE
CONTACT
BODY ASSEMBLY
Cable Type
Die Size
RG178/U
2,67 (.105)
RG316/U
3,25 (.128)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39