Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V4580 Fiches technique(PDF) 5 Page - Music Tribe FZE.

No de pièce V4580
Description  Ultra-Low Noise Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MUSICTRIBE [Music Tribe FZE.]
Site Internet  https://community.musictribe.com/
Logo MUSICTRIBE - Music Tribe FZE.

V4580 Fiches technique(HTML) 5 Page - Music Tribe FZE.

  V4580 Datasheet HTML 1Page - Music Tribe FZE. V4580 Datasheet HTML 2Page - Music Tribe FZE. V4580 Datasheet HTML 3Page - Music Tribe FZE. V4580 Datasheet HTML 4Page - Music Tribe FZE. V4580 Datasheet HTML 5Page - Music Tribe FZE. V4580 Datasheet HTML 6Page - Music Tribe FZE. V4580 Datasheet HTML 7Page - Music Tribe FZE. V4580 Datasheet HTML 8Page - Music Tribe FZE.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Green-Mark
“Pb-FREE” label attached on the side of Plastic Pocket and attached above the bar code outside of BOX2.
Total harmonic distortion vs. Output voltage
Voltage Gain, Phase vs. Frequency
0.1
0.1
Output voltage Vo(Vrms)
THD
(%)
(V+/V-=
15 Gain=20dB, RL=2k
)
0.001
0.0001
0.5
0.01
15
10
20kHz
1kHz
20Hz
50
30
20
1k
Frequency f (Hz)
10
0
Av
(dB)
40
(V+/V-=
15 RL=2k
, 40dBAmp, Tamb=25
)
10k
100k
1M
10M
0
-60
-120
-180
Maximum output voltage swing
vs. Operating voltage
Operating current vs. Operating voltage
18
0
0
Operating voltage V+/V- (V)
-VOM
(V)
(RL=2k
,Tamb=25
)
15
-10
-18
5
10
5
-5
-15
10
5
20
+VOM
-VOM
+VOM
(V)
(Tamb=25
)
7
4
3
0
Operating voltage V+/V- (V)
5
2
0
ICC
(mA)
1
6
2
4
6
8
0
12
14
16 18 20
5
V4580



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com