Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DIALOG/4 Fiches technique(PDF) 8 Page - Intel Corporation

No de pièce DIALOG/4
Description  Intel Dialogic Voice Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

DIALOG/4 Fiches technique(HTML) 8 Page - Intel Corporation

  DIALOG/4 Datasheet HTML 1Page - Intel Corporation DIALOG/4 Datasheet HTML 2Page - Intel Corporation DIALOG/4 Datasheet HTML 3Page - Intel Corporation DIALOG/4 Datasheet HTML 4Page - Intel Corporation DIALOG/4 Datasheet HTML 5Page - Intel Corporation DIALOG/4 Datasheet HTML 6Page - Intel Corporation DIALOG/4 Datasheet HTML 7Page - Intel Corporation DIALOG/4 Datasheet HTML 8Page - Intel Corporation DIALOG/4 Datasheet HTML 9Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Spring Ware Firmware Technical Specifications (cont.)
Analog Display Services Interface (ADSI)
FSK generation per Bellcore TR-NWT-000030
CAS tone generation and DTMF detection per Bellcore TR-NWT-001273
** All specifications are subject to change without notice.
Hardware System Requirements
■ Intel386™, Intel486™, or Pentium® processor IBM PC AT (ISA) bus or compatible computer
■ Operating system hardware requirements vary according to the number of channels being used
Recommended Cables
The DIALOG/4 does not come with the Y adapter (RJ-14 to RJ-11) and is sold separately. The item market name for this cable is
CBLRJ14TORJ11YA.
Intel® Dialogic® DIALOG/4 Voice Board
Datasheet



Html Pages

1 2 3 4 5 6 7 8 9