| Moteur de recherche de fiches techniques de composants électroniques |
|
DIALOG Fiches technique(PDF) 2 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
DIALOG Fiches technique(HTML) 2 Page - Intel Corporation |
|
2 / 9 page ![]() Configurations The Intel® Dialogic® DIALOG/4 board shares a common hardware and firmware architecture with other Intel voice boards for maximum flexibility and scalability. You can easily add new features and/or expand the size of the system while protecting your original investment in hard- ware and application code. Applications can be ported to lower or higher line-density platforms with minimal modifi- cations. The DIALOG/4 board installs in IBM* PC XT*/AT* (ISA bus) and compatible computers (PC platforms based on the Intel386™, Intel486™, or Pentium® processors). The DIALOG/4 board provides everything required for building integrated voice solutions scalable from four to 64 ports. Software Support The Intel® Dialogic® DIALOG/4 board is supported by System Software and SDKs for MS-DOS*, Windows NT*, Windows* 95, and Linux*. These packages contain a set of tools for developing complex multichannel applications. 2 Intel® Dialogic® DIALOG/4 Voice Board Datasheet PC 4 DIALOG/4 DIALOG/4 DIALOG/4 DIALOG/4 4 4 4 Telephone Network (analog loop start lines) Applications ■ Voice mail/voice messaging ■ Interactive voice response ■ Audiotex ■ Inbound and outbound telemarketing ■ Operator services ■ Dictation ■ Auto dialers ■ Notification systems |