Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RG178/U Fiches technique(PDF) 30 Page - ITT Industries

No de pièce RG178/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

RG178/U Fiches technique(HTML) 30 Page - ITT Industries

Back Button RG178/U Datasheet HTML 26Page - ITT Industries RG178/U Datasheet HTML 27Page - ITT Industries RG178/U Datasheet HTML 28Page - ITT Industries RG178/U Datasheet HTML 29Page - ITT Industries RG178/U Datasheet HTML 30Page - ITT Industries RG178/U Datasheet HTML 31Page - ITT Industries RG178/U Datasheet HTML 32Page - ITT Industries RG178/U Datasheet HTML 33Page - ITT Industries RG178/U Datasheet HTML 34Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
134
RF Coaxial Connectors
Assembly Instructions
BBAI-1203
Coaxial Terminations, 1 and 2 Point Direct PCB
Cable
Die Size
RG174/U
3,25 (.128)
RG178/U
2,67 (.105)
RG179/U
3,25 (.128)
RG188/U
3,25 (.128)
RG196/U
2,67 (.105)
RG316/U
3,25 (.128)
TAB FERRULE
CRIMP BODY
1. Trim cable to dimensions shown being careful not to nick or damage braids or center conductor.
Trim center conductor.
* These dimensions suit 2,54 (.100) and 7,62 (.300) PCB pitches, for other pitches see Note 4.
2. Slide Tab-Ferrule over cable.
NOTE: Orientation of tab-ferrule is optional depending upon mounting requirements. Flare braids
and slide crimp body over cable dielectric until braids meet flange on crimp body.
3. Slide tab-ferrule over braids to face of flange and crimp using ITT Cannon crimp tool and suitable
die set (see table).
4. Bend center conductor to dimension shown depending upon preferred orientation. These dimen-
sions suit 2,54 (.100) and 7,62 (.300) PCB pitches. For other pitches of 2,54 (.100) multiples add
2,54 (.100) multiples, to the 12,70 (.500) and 6,35 (.250) dimensions in the cable stripping
instructions Note 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39