| Moteur de recherche de fiches techniques de composants électroniques |
|
SSMB Fiches technique(PDF) 25 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
SSMB Fiches technique(HTML) 25 Page - ITT Industries |
|
25 / 39 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 129 Assy Insts RF Coaxial Connectors Assembly Instructions AI-772 MCX Straight Connectors, Crimp Type for Braided Cable 1. Trim cable to dimensions shown. Do not nick outer braid or center conductor. Tin center conductor with solder (DO NOT OVER TIN). 2. Slide ferrule over stripped end of cable. Tin inside diameter of contact with solder. Slide contact over center conductor while applying heat until contact butts on the dielectric of the cable. 3. Slide contact and cable into the body sub-assembly until the dielectric of the cable stops on the insulator. 4. Slide ferrule up over the cable braid until it touches the body. Crimp the ferrule in place as shown using ITT Cannon Crimp Tool and suitable die set (see table). FERRULE CONTACT BODY ASSEMBLY Cable Type Die Size RG178/U 2,67 (.105) RG316/U 3,25 (.128) |