Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX3580 Fiches technique(PDF) 6 Page - Maxim Integrated Products

No de pièce MAX3580
Description  Direct-Conversion TV Tuner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3580 Fiches technique(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3580 Datasheet HTML 2Page - Maxim Integrated Products MAX3580 Datasheet HTML 3Page - Maxim Integrated Products MAX3580 Datasheet HTML 4Page - Maxim Integrated Products MAX3580 Datasheet HTML 5Page - Maxim Integrated Products MAX3580 Datasheet HTML 6Page - Maxim Integrated Products MAX3580 Datasheet HTML 7Page - Maxim Integrated Products MAX3580 Datasheet HTML 8Page - Maxim Integrated Products MAX3580 Datasheet HTML 9Page - Maxim Integrated Products MAX3580 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Direct-Conversion TV Tuner
6
_______________________________________________________________________________________
TEST SCENARIO
COMMENTS
SPEC MINIMUM
MAX3580 TYPICAL
MBRAI S2
Immunity/ACPR for N ±1 adjacent ch.
29dB
40dB
MBRAI S2
Immunity/ACPR N ±2 alternate ch.
40dB
43dB
MBRAI L3
Linearity/crossmod. with N+2 and N+4 ch.
40dB
47dB
NorDig 16 QAM 2/3
Sensitivity at channel 21 (470 MHz)
-84.1dBm
-85.1dBm
NorDig QPSK 1/2
Sensitivity at channel 42 (642 MHz)
-92.1dBm
-94.8dBm
NorDig 64 QAM 7/8
Sensitivity at channel 59 (778 MHz)
-74.7dBm
-76dBm
Performance to Standards
The following is selected overall performance data for the
MAX3580 + digital demodulator.
Table 1 shows the typical overall performance as mea-
sured using the MAX3580 and one current production
DVB-T demodulator. This reference design is available
in NIM card form factor upon request.
MBRAI refers to standard MBRAI 04-102 IEC 62002-1
available from www.ansi.org.
NorDig refers to standard Unified 1.0.2 available from
www.nordig.org.
Modulation of wanted and interfering channel(s) is 8k
mode, 16 QAM, C/R = 3/4, GI = 1/4, sensitivity or
immunity Reference Bit Error Rate is 2 x 10e-4, unless
stated otherwise.
Table 1. Selected Typical MBRAI and NorDig Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com