| Moteur de recherche de fiches techniques de composants électroniques |
|
M8R22TAJ-R Fiches technique(PDF) 1 Page - MTRONPTI |
|
|
|||||||||||||||||||||||||||||
M8R22TAJ-R Fiches technique(HTML) 1 Page - MTRONPTI |
|
1 / 2 page ![]() MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. Revision: 11-21-06 M8R Series 9x16 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator These are non-PLL based high frequency oscillators intended for applications that require low phase jitter. For frequencies 80.000 MHz and below, please see the M8S series. Pin Connections |
Numéro de pièce similaire - M8R22TAJ-R |
|
Description similaire - M8R22TAJ-R |