Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRX-MP-1VDSL2-R Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce SRX-MP-1VDSL2-R
Description  SRX300 LINE OF FIREWALLS FOR THE BRANCH DATASHEET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SRX-MP-1VDSL2-R Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  SRX-MP-1VDSL2-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 2Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 4Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 5Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 6Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 7Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 8Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Mist AI
WAN Assurance
Mist WAN Assurance is a cloud service that brings AI-powered
automation and service levels to Juniper SRX Series Firewalls,
complementing the Juniper Secure SD-WAN solution. Mist WAN
Assurance transforms IT operations from reactive troubleshooting
to proactive remediation, turning insights into actions and delivering
operational simplicity with seamless integration into existing
deployments.
• SRX Series firewalls, deployed as secure SD-WAN edge
devices, deliver the rich Junos streaming telemetry that
provides the insights needed for WAN health metrics and
anomaly detection. This data is leveraged within the Mist
Cloud and AI engine, driving simpler operations, reducing
mean time to repair (MTTR) and providing greater visibility into
end-user experiences.
• Insights derived from SRX Series SD-WAN gateway telemetry
data allows WAN Assurance to compute unique “User
Minutes” that indicate whether users are having a good
experience.
• The Marvis assistant for WAN allows you to ask direct
questions like “Why is my Zoom call bad?” and provides
complete insights, correlation, and actions.
• Marvis Actions identifies and summarizes issues such as
application latency conditions, congested WAN circuits, or
negotiation mismatches.
Simplifying Branch Deployments (Secure Connectivity/SD-WAN)
The SRX300 line delivers fully automated SD-WAN to both
enterprises and service providers.
• A Zero-Touch Provisioning (ZTP) feature simplifies branch
network connectivity for initial deployment and ongoing
management.
• SRX300 firewalls offer best-in-class secure connectivity.
• The SRX300 firewalls efficiently utilize multiple links and load
balance traffic across the enterprise WAN, blending traditional
MPLS with other connectivity options such as broadband
internet, leased lines, 4G/LTE, and more.
• Policy- and application-based forwarding capabilities enforce
business rules created by the enterprise to steer application
traffic towards a preferred path.
Industry-Certified Junos Operating System
SRX300 Firewalls run the Junos operating system, a proven, carrier-
hardened OS that powers the world's top 100 service provider
networks.
The rigorously tested, carrier-class, rich routing features such as
IPv4/IPv6, OSPF, BGP, and multicast have been proven over 15
years of worldwide deployments.
The SRX300 line also enables agile SecOps through automation
capabilities that support Zero Touch Deployment, Python scripts for
orchestration, and event scripting for operational management.
SRX300 Line of Firewalls for the Branch Datasheet
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11