| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS40-05 Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAS40-05 Fiches technique(HTML) 2 Page - NXP Semiconductors |
|
2 / 21 page ![]() BAS40_1PSXXSB4X_SER_7 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 07 — 12 May 2006 2 of 21 Philips Semiconductors BAS40 series; 1PSxxSB4x series General-purpose Schottky diodes 1.2 Features 1.3 Applications 1.4 Quick reference data [1] Pulse test: tp ≤ 300 µs; δ≤ 0.02. 2. Pinning information I High switching speed I Low leakage current I High breakdown voltage I Low capacitance I Ultra high-speed switching I Voltage clamping Table 2. Quick reference data Symbol Parameter Conditions Min Typ Max Unit Per diode IF forward current - - 120 mA VF forward voltage IF =1mA [1] - - 380 mV VR reverse voltage - - 40 V Table 3. Pinning Pin Description Simplified outline Symbol BAS40H; 1PS76SB40; 1PS79SB40 1 cathode [1] 2 anode BAS40L 1 cathode [1] 2 anode BAS40; BAS40W; 1PS70SB40 1 anode 2 not connected 3 cathode 001aab540 12 sym001 12 2 1 Transparent top view sym001 12 006aaa144 12 3 006aaa436 1 3 2 n.c. |