Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LEUWS2WP-RBSB-BQ Fiches technique(PDF) 11 Page - OSRAM GmbH

No de pièce LEUWS2WP-RBSB-BQ
Description  Outstanding brightness and luminance due to surface emission and low Rth
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWS2WP-RBSB-BQ Fiches technique(HTML) 11 Page - OSRAM GmbH

Back Button LEUWS2WP-RBSB-BQ Datasheet HTML 7Page - OSRAM GmbH LEUWS2WP-RBSB-BQ Datasheet HTML 8Page - OSRAM GmbH LEUWS2WP-RBSB-BQ Datasheet HTML 9Page - OSRAM GmbH LEUWS2WP-RBSB-BQ Datasheet HTML 10Page - OSRAM GmbH LEUWS2WP-RBSB-BQ Datasheet HTML 11Page - OSRAM GmbH LEUWS2WP-RBSB-BQ Datasheet HTML 12Page - OSRAM GmbH LEUWS2WP-RBSB-BQ Datasheet HTML 13Page - OSRAM GmbH LEUWS2WP-RBSB-BQ Datasheet HTML 14Page - OSRAM GmbH LEUWS2WP-RBSB-BQ Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LE UW S2WP
DATASHEET
DATASHEET
11 | Version 1.4 | 2023-08-22
Dimensional Drawing 8)
Further Information:
Approximate Weight:
127.0 mg
Corrosion test:
Class: 3B
Test condition: 40°C / 90 % RH / 15 ppm H
2S / 14 days (stricter than IEC
60068-2-43)
ESD advice:
The device is protected by ESD device which is connected in parallel to the
Chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21