Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E2525 Fiches technique(PDF) 21 Page - OSRAM GmbH

No de pièce E2525
Description  This device is especially designed for intra-glass displays.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

E2525 Fiches technique(HTML) 21 Page - OSRAM GmbH

Back Button E2525 Datasheet HTML 17Page - OSRAM GmbH E2525 Datasheet HTML 18Page - OSRAM GmbH E2525 Datasheet HTML 19Page - OSRAM GmbH E2525 Datasheet HTML 20Page - OSRAM GmbH E2525 Datasheet HTML 21Page - OSRAM GmbH E2525 Datasheet HTML 22Page - OSRAM GmbH E2525 Datasheet HTML 23Page - OSRAM GmbH E2525 Datasheet HTML 24Page - OSRAM GmbH E2525 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
KRTB RHLQ91.32
DATASHEET
DATASHEET
21 | Version 1.1 | 2023-11-08
Electrical Internal Circuit
Recommended Solder Pad 8)
For superior solder joint connectivity results we recommend soldering under standard nitrogen atmosphere. Package not
suitable for any kind of wet cleaning or ultrasonic cleaning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30