Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KRTBAELPS1.32 Fiches technique(PDF) 3 Page - OSRAM GmbH

No de pièce KRTBAELPS1.32
Description  The ams OSRAM OSIRE KRTB AELPS1.32 RGB sidelooker device is specifically designed for automotive interior applications.
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBAELPS1.32 Fiches technique(HTML) 3 Page - OSRAM GmbH

  KRTBAELPS1.32 Datasheet HTML 1Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 2Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 3Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 4Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 5Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 6Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 7Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 8Page - OSRAM GmbH KRTBAELPS1.32 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
KRTB AELPS1.32
DATASHEET
DATASHEET
3 | Version 1.3 | 2022-09-21
Ordering Information
Type
Brightness 1)
Ordering Code
KRTBAELPS1.32-1V7A-JW+6B5C-D8+4S4U-7Z
Q65113A4017
● red
● I
v = 710 ... 1590 mcd (IF = 20 mA)
Q65113A4017
● true green
● I
v = 2010 ... 3150 mcd (IF = 20 mA)
Q65113A4017
● blue
● I
v = 250 ... 710 mcd (IF = 20 mA)
Q65113A4017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34