| Moteur de recherche de fiches techniques de composants électroniques |
|
PCD5043H Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD5043H Fiches technique(HTML) 8 Page - NXP Semiconductors |
|
8 / 24 page ![]() 1996 Oct 31 8 Philips Semiconductors Objective specification DECT burst mode controller PCD5043 6 FUNCTIONAL DESCRIPTION (see Fig.1) The PCD5043 has dedicated hardware blocks containing logic for time-critical functions requiring bit or byte-time accuracy. Other functions requiring only slot-time accuracy are performed by software in the Preprogrammed Communication Controller (PCC). This approach offers maximum flexibility during prototyping. 6.1 Internal bus and data memory 6.1.1 INTERNAL BUS The function of the internal bus is: • To provide access for all functional blocks to the common data memory • To provide access for the microcontroller-interface and the PCC to all other functional blocks. All functional blocks (speech-interface, RF-interface, microcontroller-interface and PCC) can autonomously use the internal bus to communicate with the common data memory. A bus controller is used to handle the bus priority mechanism. When several blocks request access simultaneously, the request with the highest priority is handled first. 6.1.2 DATA MEMORY A large part of the data memory is used for the bit rate adaptation between the DECT radio interface and the speech interface. The data memory also acts as the main communication interface between the external microprocessor and the PCC. 6.2 Clock generation and correction (see Fig.3) The device has an on-chip 13.824 MHz crystal oscillator. From this source, a few frequencies are derived for internal and external use. Frequencies generated for external use are: • 13.824 MHz for the synthesizer reference (pin REF_CLK). This output is only provided if the synthesizer power-down control (output on pin S_POWER_DWN) is not selected. • 0.144 to 13.824 MHz for the microcontroller clock (pin PROC_CLK) • 3.456 MHz for the ADPCM codec (pin CLK3) • 1200 Hz (pin 1200_HZ) for dual synthesizer switching • 100 Hz (pin CLK100) indicates start of frame. Nominally, the frequency on pin CLK3 is 3.456 MHz. This frequency is obtained by dividing the crystal frequency by 4. Sometimes, the crystal frequency will be divided by 3 or by 5, to synchronize the combination of the ADPCM codec and the device to an external source. External synchronization for base station applications is achieved as follows: • Master base station. The master base station provides a 100 Hz signal to slave base stations on pin SYNCPORT. If the PCD5043 is connected to a digital interface (32-slot mode speech interface), the external synchronization will be done on the incoming 8 kHz signal. If it is connected to an analog line (12-slot mode speech interface), it will use its own crystal oscillator as reference. • Slave base station. The slave base station will use the incoming SYNCPORT signal as synchronization reference. 6.3 Programmable communication controller and program memory 6.3.1 PCC The PCC is a RISC-type controller and is used to control functions which are slot-time accurate. It is well suited for bit manipulation, and runs at a clock frequency of 6.912 MHz (equivalent to 3.4 Mips). After finishing a task, it switches to a power saving state, from which it returns after a pre-programmed time. 6.3.2 PCC FUNCTIONS The most important functions of the PCC are to: • Perform the appropriate actions on received messages: PMID and FMID checking, RFPI checking, TBC handling • Prepare A-field messages for transmission • Prepare the RF-interface for the coming slot • Perform the procedures for RSSI and set-up scan, maintain scan counters and timers, assemble the RSSI field in the common data memory • Filter events and indicate them to the microcontroller by interrupt. |