| Moteur de recherche de fiches techniques de composants électroniques |
|
AT83C5136-RDTUL Fiches technique(PDF) 64 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83C5136-RDTUL Fiches technique(HTML) 64 Page - ATMEL Corporation |
|
64 / 171 page ![]() 64 AT83C5134/35/36 7683B–USB–03/07 Table 53. IEN0 Register IEN0 - Interrupt Enable Register (A8h) Reset Value = 0000 0000b Bit addressable 7 6 5 4 3 2 1 0 EA EC ET2 ES ET1 EX1 ET0 EX0 Bit Number Bit Mnemonic Description 7 EA Enable All interrupt bit Cleared to disable all interrupts. Set to enable all interrupts. 6 EC PCA interrupt enable bit Cleared to disable. Set to enable. 5 ET2 Timer 2 overflow interrupt Enable bit Cleared to disable Timer 2 overflow interrupt. Set to enable Timer 2 overflow interrupt. 4 ES Serial port Enable bit Cleared to disable serial port interrupt. Set to enable serial port interrupt. 3 ET1 Timer 1 overflow interrupt Enable bit Cleared to disable Timer 1 overflow interrupt. Set to enable Timer 1 overflow interrupt. 2 EX1 External interrupt 1 Enable bit Cleared to disable external interrupt 1. Set to enable external interrupt 1. 1 ET0 Timer 0 overflow interrupt Enable bit Cleared to disable timer 0 overflow interrupt. Set to enable timer 0 overflow interrupt. 0 EX0 External interrupt 0 Enable bit Cleared to disable external interrupt 0. Set to enable external interrupt 0. |