| Moteur de recherche de fiches techniques de composants électroniques |
|
AP133-SN Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP133-SN Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 14 page ![]() AP133 300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR AP133 Rev. 2 2 of 14 MAY 2007 www.diodes.com © Diodes Incorporated Pin Assignment SOT25 IN EN ADJ OUT (Top View) 5 4 3 2 1 GND GND OUT DFN2020-6 (Preview) (Top View) 4 ADJ IN EN NC 6 5 3 2 1 Pin Descriptions Pin Number Name SOT25 DFN2020-6 Description IN 1 3 Voltage input pin. Bypass to ground through at least 0.1µF capacitor GND 2 2 Ground EN 3 1 Enable input, active high ADJ 4 6 Output feedback pin NC 5 No connection OUT 5 4 Voltage output pin. Bypass to ground through 1µF ceramic capacitor Functional Block Diagram IN EN GND FB OUT Gate Driver 0.8V Current Limit and Thermal Shutdown |