| Moteur de recherche de fiches techniques de composants électroniques |
|
PCD5032 Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD5032 Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 24 page ![]() 1997 Apr 03 13 Philips Semiconductors Product specification ADPCM CODEC for digital cordless telephones PCD5032 8 HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, it is good practice to take normal precautions appropriate to handling MOS devices. Details of recommended precautions are given in “Handling MOS devices”, which is published in the General Information section of several of Philips data handbooks. 9 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL PARAMETER MIN. MAX. UNIT VDD supply voltage −0.5 +6.5 V IDD supply current −150 +150 mA VI all input voltages −0.5 VDD + 0.5 V II DC input current BZ+, BZ −−150 +150 mA RE+, RE −−50 +50 mA all other pins −10 +10 mA IO DC output current BZ+, BZ −−150 +150 mA RE+, RE −−50 +50 mA all other pins −10 +10 mA Ptot total power dissipation − 500 mW Tstg storage temperature −65 +150 °C Tamb operating ambient temperature −25 +70 °C |