| Moteur de recherche de fiches techniques de composants électroniques |
|
PCD3755EP Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD3755EP Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 32 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... MBG639 PORT 0 FLIP-FLOP PORT 0 BUFFER HIGHER PROGRAM COUNTER LOWER PROGRAM COUNTER PROGRAM STATUS WORD MEMORY BANK FLIP-FLOPS RESIDENT OTP-ROM 8 kbytes DECODE 5 888 8 P0.0 to P0.7 8 8 88 8 8 8 TIMER/ EVENT COUNTER 32 INTERNAL CLOCK FREQ. 30 T1 PORT 1 BUFFER PORT 1 FLIP-FLOP P1.0 to P1.6 8 PORT 2 BUFFER PORT 2 FLIP-FLOP P2.0 to P2.3 4 4 7 8 P1.7/MDY MELODY CONTROL REGISTER 8 TONE FILTER OSCILLATOR RAM ADDRESS REGISTER ACCUMULATOR TEMPORARY REGISTER 1 TEMPORARY REGISTER 2 ARITHMETIC INSTRUCTION REGISTER AND DECODER DECIMAL ADJUST CONTROL AND TIMING XTAL2 XTAL1 RESET CE/T0 STOP IDLE INTERRUPT INITIALIZE CONDITIONAL BRANCH LOGIC CE/T0 TIMER FLAG CARRY ACC ACC BIT TEST MULTIPLEXER 8 LEVEL STACK (VARIABLE LENGTH) OPTIONAL SECOND REGISTER BANK DATA STORE D E C O D E REGISTER 0 REGISTER 1 REGISTER 2 REGISTER 3 REGISTER 4 REGISTER 5 REGISTER 6 REGISTER 7 timer interrupt external interrupt RESIDENT RAM ARRAY 128 bytes derivative interrupt 8 LOGIC UNIT T 1 LGF REGISTER 8 HGF REGISTER 8 SINE WAVE GENERATOR INTERRUPT LOGIC 8 EEPROM DATA TRANSFER 8 EEPROM ADDRESS REGISTER 8 EEPROM CONTROL REGISTER 8 TIMER 2 REGISTER 8 TIMER 2 RELOAD REGISTER 8 EEPROM 128 bytes PCD3755x POWER-ON-RESET VPOR RESET Fig.1 Block diagram. |