| Moteur de recherche de fiches techniques de composants électroniques |
|
K1110BACSM-R Fiches technique(PDF) 2 Page - MTRONPTI |
|
|
|||||||||||||||||||||||||||||
K1110BACSM-R Fiches technique(HTML) 2 Page - MTRONPTI |
|
2 / 2 page ![]() MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. 2553 N. Edgington Street, Franklin Park, IL 60131 Phone: 847.451.1000 Fax: 847.451.7585 800-888-1499 or www.champtech.com 2 OUTPUT WAVEFORM TEST CIRCUIT DIAGRAM PIN FUNCTION N/C / Tri-State 1 2 3 Ground Output 4 + VCC K1100BA Series 5V Crystal Clock Oscillators TEST METHODS REFERENCE PROCEDURES DESCRIPTION Temperature Cycle MIL-STD-833, Mtd 1010, Cond. B Mechanical Shock MIL-STD-883, Mtd 2002, Cond. B -55°C to +125°C; Air-to-Air; 100 cycles; 10 min. dwell Vibration MIL-STD 883, Mtd 2007, Cond. B 20-2000 Hz; 0.06 inch; 15g’s; 3 planes Humidity Steady State MIL-STD-202, Mtd 103 40°C; 90%-95% R.H.; 56 days Thermal Shock MIL-STD-883, Mtd 1011.7 Cond. B Electrostatic Discharge Solderability Hermeticity Resistance to Soldering Lead Integrity Marking Permanence Life Test 100°C to 0°C; Water-to-Water; 15 cycles 2 KV to 4 KV Threshold Solder dip; Meniscograph Criteria Mass spectro. 2 x 10-8 atmos. CC/sec He 235°C; 30 seconds Lead tension & bend stress Resistance to solvents 1500 g’s MIL-STD-883, Mtd 3015 Class II MIL-STD-883, Mtd 1005.6 MIL-STD-883, Mtd 2022.2 MIL-STD-883, Mtd 1014.8, Cond. A1 MIL-STD-202, Mtd 210D, Cond. J MIL-STD-883, Mtd 2004.5, Cond. A, B1 MIL-STD-883, Mtd 2015.8 125°C, powered, 1000 hours minimum MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS SHIPPING TUBE CROSS SECTION Revision: 03-01-07 K1100BA, K1150BA, K1125BA, K1110BA Series 14 pin DIP, 5.0 Volt, Clock Oscillator THIS PRODUCT IS NOT RECOMMENDED FOR NEW DESIGNS. PLEASE REFER TO THE MHO+ PRODUCT SERIES. |