Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W39V080FAQ Fiches technique(PDF) 31 Page - Winbond

No de pièce W39V080FAQ
Description  1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

W39V080FAQ Fiches technique(HTML) 31 Page - Winbond

Back Button W39V080FAQ Datasheet HTML 27Page - Winbond W39V080FAQ Datasheet HTML 28Page - Winbond W39V080FAQ Datasheet HTML 29Page - Winbond W39V080FAQ Datasheet HTML 30Page - Winbond W39V080FAQ Datasheet HTML 31Page - Winbond W39V080FAQ Datasheet HTML 32Page - Winbond W39V080FAQ Datasheet HTML 33Page - Winbond W39V080FAQ Datasheet HTML 34Page - Winbond W39V080FAQ Datasheet HTML 35Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
W39V080FA
Publication Release Date: Dec. 13, 2005
- 31 -
Revision A5
Timing Waveforms for FWH Interface Mode, continued
11.7 FGPI Register/Product ID Readout Timing Diagram
Note: During the GPI read out mode, the DQ[4:0] will capture the states(High or Low) of the FGPI[4:0] input pins. The DQ[7:5] are reserved pins
#RESET
FWH[3:0]
Start
IDSEL
Load Address "FFBC0100(hex)" in 7 Clocks for GPI Register
& "FFBC0000(hex)/FFBC0001(hex) for Product ID
CLK
1 Clock
1 Clock
Next Sta
1 Clock
2 Clocks
1 Clock
0000b
1101b
Address
Sync
TAR
1111b
Tri-State
0000b
Data out 2 Clocks
D[7:4]
Data
0000b
0001b
/0000b
0000b
0000b
/0001b
D[3:0]
A[27:24]
A[23:20]
A[19:16]
0000b
M Size
2 Clocks
TAR
1111b
Tri-State
FWH4
11.8 Reset Timing Diagram
CLK
VDD
#RESET
FWH[3:0]
TPRST
TKRST
TRSTP
TRSTF
TRST
FWH4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35