| Moteur de recherche de fiches techniques de composants électroniques |
|
PCD3311 Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD3311 Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 28 page ![]() 1996 Nov 21 13 Philips Semiconductors Product specification DTMF/modem/musical-tone generators PCD3311C; PCD3312C 8.5 Timing specifications The PCD3311C and PCD3312C accept data input from a microcontroller and are ‘slave receivers’ when operating via the I2C-bus. They support the ‘standard’ and ‘low-speed’ modes of the I2C-bus, but not the ‘fast’ mode detailed in “The I2C-bus and how to use it” document order no. 9398 393 40011. The timing requirements for the devices are described in Sections 8.5.1 and 8.5.2. 8.5.1 STANDARD MODE Masters generate a bus clock with a maximum frequency of 100 kHz. Detailed timing is shown in Fig.11, where the two signal levels are LOW = VIL and HIGH = VIH, see Chapter 11. Figure 12 shows a complete data transfer in standard mode. The time symbols are explained in Table 6. Fig.11 Standard mode timing. handbook, full pagewidth MBC764 t BUF t f t HIGH t SU;DAT t SU;STO t HD;DAT t SU;STA t r t LOW t HD;STA SDA SCL SDA |