| Moteur de recherche de fiches techniques de composants électroniques |
|
PCD3312CT Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD3312CT Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 28 page ![]() 1996 Nov 21 4 Philips Semiconductors Product specification DTMF/modem/musical-tone generators PCD3311C; PCD3312C 5 BLOCK DIAGRAM handbook, full pagewidth MGG543 DAC HIGH DAC LOW SWITCHED CAPACITOR BANDGAP VOLTAGE REFERENCE DIVIDER SELECTION (ROM) HIGH GROUP DIVIDER LOW GROUP DIVIDER INPUT CONTROL LOGIC OSCILLATOR CLOCK GENERATOR 3 4 12 11 10 9(8) 8(7) 5 7(6) 1(3) 2(4) 14(2) 13(1) (5)6 OSCI OSCO ADDER VDD VSS TONE A0 D5 MODE D4 D3 D2 D1/SDA D0/SCL STROBE SWITCHED CAPACITOR RESISTOR CAPACITOR PCD3311C PCD3312C Fig.1 Block diagram. The un-parenthesised numbers are for the PCD3311CP, those in parenthesis for the PCD3312C. 6 PINNING INFORMATION 6.1 Pinning PCD3311CP handbook, halfpage PCD3311CP MGG508 1 2 3 4 5 6 7 8 14 13 12 11 10 9 OSCI OSCO MODE D5 STROBE TONE A0 D0/SCL D1/SDA D2 D3 D4 VSS VDD Fig.2 Pin configuration PCD3311CP. 6.2 Pin description PCD3311CP SYMBOL PIN TYPE DESCRIPTION OSCI 1 I oscillator input OSCO 2 O oscillator output MODE 3 I mode select input (selects I2C or parallel data input) D5 4 I parallel data input STROBE 5 I strobe input (for loading data in parallel mode) TONE 6 O frequency output (DTMF, modem, musical tones) A0 7 I slave address input (to be connected to VDD or VSS) D0/SCL 8 I parallel data input or I2C-bus clock line D1/SDA 9 I parallel data input or I2C-bus data line D2 − D4 10 − 12 I parallel data inputs VSS 13 P negative supply VDD 14 P positive supply |