| Moteur de recherche de fiches techniques de composants électroniques |
|
VCM101 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VCM101 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 20 page ![]() 19 Mechanical pressure switches Technical features/Advantages Mechanical pressure switches Technical features / Advantages Wall mounting or directly on the pressure line Switching element (microswitch) Lead sealable setpoint adjustment Setting spindle locking element Terminal connection or plug connection to DIN EN175301 Form A Stainless steel sensor housing Stainless steel bellows with internal stop Pressure connection G 1/2" external G 1/4" internal Centring pin Diecast aluminium housing IP 54 or IP 65 version also available |