Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZF577 Fiches technique(PDF) 16 Page - List of Unclassifed Manufacturers

No de pièce ZF577
Description  Pressure switches and pressure monitors for overpressure
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

ZF577 Fiches technique(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ZF577 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZF577 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
33
Mechanical pressure switches
Service functions
Service functions
Devices with service functions will be produced according to the customer’s specifications.
The system requires that these product combinations are identified in such a way as to prevent any possibility
of confusion. These combinations are characterised by a product code with the suffix "-S" on the packaging
label as well as separate labels with barcodes for each service function.
Service functions are available for the following type series (including Ex versions):
Pressure switches: DCM, DNM, DNS, VNS, VCM, VNM, DDCM, DWR, DWAM, DWAMV, SDBAM, DGM, FD
Ordering devices with service functions
Example:
Ordering 1 DCM6, set at 4 bar rising, identified with code PSH008 as requested by the customer and acceptance test certificate 3.1.
The order confirmation contains:
1 DCM6-S ("S" is need for factory = following lines belong to this item)
1 ZF1970: set to 4 bar rising
1 ZF1978: PSH008
1 AZ3.1B1
Included items: Labels with barcodes on the packaging:
Pack contents: 1 DCM6 (without "S" suffix) marked
DCM6-S
1 ZF1970: set to 4 bar rising
ZF1970: set to 4 bar rising
1 ZF1978: PSH008
ZF1978: PSH008
1 AZ3.1 will be sent by extra post
AZ3.1B1
1 Installation and operating instructions
Service functions
Plug connection Terminal connection Ex-i/
200 series
300 series
Ex-d
Adjustment according to customer’s instruction:
one switching point
ZF1970*
ZF1970*
ZF1970*
two switching points or defined switching differential
ZF1972*
ZF1972*
–
Adjustment and lead sealing according to customer’s instruction:
one switching point
ZF1971*
–
–
two switching points or defined switching differential
ZF1973*
–
–
Labelling of units according to customer‘s
ZF1978
ZF1978
ZF1978
instruction with sticker
Special packing for oil and grease-free storage
ZF1979
ZF1979
ZF1979
Test reports according to EN 10 204
Certificate 2.2 based on non-specific specimen test
WZ2.2
WZ2.2
WZ2.2
Inspection test certificate 3.1 based on specific test
AZ3.1B1
AZ3.1B1
AZ3.1B1
Inspection test certificate for FV separating diaphragms
AZ3.1-V
AZ3.1-V
AZ3.1-V
* Switching point adjustment: Please specify switching point and direction of action (rising or falling pressure).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com