| Moteur de recherche de fiches techniques de composants électroniques |
|
PCD3310A Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD3310A Fiches technique(HTML) 8 Page - NXP Semiconductors |
|
8 / 28 page ![]() 1996 Nov 21 8 Philips Semiconductors Product specification Pulse and DTMF diallers with redial PCD3310; PCD3310A If the CE input is taken to a LOW level for longer than time period trd (see Figs 11 and 12 and Chapter 12) an internal reset pulse will be generated at the end of the trd period. The system changes to the static standby state. Short CE pulses of < trd will not affect the operation of the device and reset pulses are not produced. 7.4 Mode selection (PD/DTMF) 7.4.1 PULSE MODE If PD/DTMF = VSS the pulse mode is selected. Entries of non-numeric keys are neglected, they are neither stored in the redial register nor transmitted. 7.4.2 DTMF MODE If PD/DTMF = VDD the dual tone multi-frequency dialling mode is selected. Each non-function key activated corresponds to a combination of two tones, one of four LOW and one of four HIGH frequencies, corresponding to the key’s row and column in the keyboard matrix. See Fig.4 and Table 3. The frequencies are transmitted with a constant amplitude, regardless of power supply variations. Harmonic content is filtered out thus meeting the CEPT recommendations. The transmission time is calibrated for redial. In manual operation the duration of bursts and pauses is the actual key depression time, but not less than the minimum transmission time (tt) or minimum pause time (tp). 7.4.3 MIXED MODE When the PD/DTMF pin is open-circuit the mixed mode is selected. After activation of CE or FL (Flash) the device starts as a pulse dialler and remains in this state until a non-numeric dial key (A, B, C, D, ∗, #) or the function key > is activated. Pressing a non-numeric dial key causes the corresponding DTMF tones to be output, and any subsequent dialling to be in DTMF mode. Pressing > causes no output tones, but any subsequent dialling is in DTMF mode. The > key should be used if the first DTMF output required is numeric. The device remains in DTMF dial mode until FL is activated or after a static standby condition when CE is re-activated. A connection between the PD/DTMF pin and VDD also initiates DTMF dialling. Chip enable, FL or a connection of PD/DTMF pin to VSS sets the device back to pulse dialling. 7.5 Keyboard inputs/outputs The sense column inputs COL 1 to COL 4 and the scanning row outputs ROW 1 to ROW 5 of the device are connected to the keyboard as shown in Fig.4. All keyboard entries are debounced on both the leading and trailing edges for approximately time period te as shown in Figs 11, 12, 13 and 14. Each entry is tested for validity. When a key is depressed, keyboard scanning starts and only returns to the sense mode after release of that key. ROW 5 of the keyboard contains the following function keys: • P = memory clear and programming (notepad) • FL = flash or register recall • R = redial • > = change of dial mode from pulse to DTMF in mixed dialling mode. In the pulse dialling mode the valid keys are the 10 numeric dial keys (0 to 9). The non-numeric dial keys (A, B, C, D, ∗, #) have no effect on the dialling or the redial storage. Valid function keys are P, R and FL. In the DTMF mode all dial keys are valid. They are transmitted as a dual tone combination and at the same time stored in the redial register. Valid function keys are P, FL and R. In the mixed mode all key entries are valid and executed accordingly. Fig.4 Keyboard organization. handbook, halfpage MGE491 123 45 6 7 ∗ 8 9 0 # P FL R A B C D > ROWS COLUMNS KEYBOARD 54321 1234 |