| Moteur de recherche de fiches techniques de composants électroniques |
|
30CPU04PBF Fiches technique(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
30CPU04PBF Fiches technique(HTML) 6 Page - International Rectifier |
|
6 / 7 page ![]() 30CPU04PbF Bulletin PD-20674 04/04 6 www.irf.com LOT CODE ASSEMBLY INTERNATIONAL RECTIFIER LOGO EXAMPLE: WITH ASSEMBLY ASSEMBLED ON WW 35, 2000 IN THE ASSEMBLY LINE "H" THIS IS A 30CPU04 LOT CODE 5657 PART NUMBER 30CPU04 56 57 P035H Conforms to JEDEC Outline TO-247AC Dimensions in millimeters and (inches) 15.90 (0.626) 15.30 (0.602) 14.20 (0.559) 14.80 (0.583) 3.70 (0.145) 4.30 (0.170) 5.30 (0.208) 5.70 (0.225) 5.50 (0.217) 4.50 (0.177) (2 PLCS.) 3.55 (0.139) 3.65 (0.144) 2.20 (0.087) MAX. 1.00 (0.039) 1.40 (0.056) 3.20 (0.126) MAX. 0.40 (0.213) 0.80 (0.032) 4.70 (0.185) 5.30 (0.209) 1.5 (0.059) 2.5 (0.098) 2.40 (0.095) MAX. 5.43 (0.213) 5.47 (0.216) 20.30 (0.800) 19.70 (0.775) 1 2 3 DIA. Outline Table Base Common Cathode Anode Anode Common Cathode 13 2 1 2 2 Marking Information |