Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC3908CSSS Fiches technique(PDF) 42 Page - Texas Instruments

No de pièce ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Fiches technique(HTML) 42 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 38Page - Texas Instruments ADC3908CSSS Datasheet HTML 39Page - Texas Instruments ADC3908CSSS Datasheet HTML 40Page - Texas Instruments ADC3908CSSS Datasheet HTML 41Page - Texas Instruments ADC3908CSSS Datasheet HTML 42Page - Texas Instruments ADC3908CSSS Datasheet HTML 43Page - Texas Instruments ADC3908CSSS Datasheet HTML 44Page - Texas Instruments ADC3908CSSS Datasheet HTML 45Page - Texas Instruments ADC3908CSSS Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 131 page
background image
B15
B13
B11
B9
B7
B5
B3
B1
A15
B15
A13
B13
A11
B11
A9
B9
A7
B7
A5
B5
A14
A12
A10
A8
DCLK
Sample N
D11
DDR
2 Lane
8x Serializa on
A7
A5
A3
A1
FCLK
D10
A6
A4
A2
A0
B14
B12
B10
B8
B6
B4
B2
B0
DCLK
Sample N
D11
DDR
Default
2 Lane
8x Serializa on
A3
B3
A1
B1
FCLK
D10
A14
B14
A12
B12
A10
B10
A8
B8
A6
B6
A4
B4
A2
B2
A0
B0
A15
A13
A11
A9
B15
B14
B13
B12
DCLK
Sample N
D11
SDR
2 Lane
8x Serializa on
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
FCLK
D10
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
A15
A14
A13
A12
B15
B14
B13
B12
DCLK
Sample N
D11
HDDR
2 Lane
8x Serializa on
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
FCLK
D05
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
A15
A14
A13
A12
Figure 6-23. 16 Bit, 2 Lanes, 8x Serialization
ADC3910D125
SBASAD1 – DECEMBER 2023
www.ti.com
42
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More