| Moteur de recherche de fiches techniques de composants électroniques |
|
PCE-RDM5 Fiches technique(PDF) 1 Page - PCE Instruments. |
|
|
|||||||||||||||||||||||||||||
PCE-RDM5 Fiches technique(HTML) 1 Page - PCE Instruments. |
|
1 / 2 page ![]() Environmental Meter PCE-RDM 5 Environmental Meter for dose measurement of X-ray, gamma and beta radiation / easy to use / alarm function / battery operation. The Environmental Meter is a small sensitive radiation meter used for monitoring X-rays, gamma and beta radiation. The Environmental Meter uses an energy compensated Geiger-Müller counting tube as detector for accurate measurement. According to the Radiation Protection Ordinance (StrSchV), it is mandatory in some areas to perform personal dosimetry using a Environmental Meter. The Environmental Meter is equipped with a powerful microprocessor and a TFT screen, which makes it easy to operate. The Environmental Meter itself has three alarm modes: sound, LED light and vibration. The alarm limit can be set as you like. When the alarm limit is reached, an alarm is issued, for protection. The main technical indicators of the device comply with the international standard. α-, β- and X-ray radiation Dose measurement 0.08 ... 9999µSv/h alarm function battery operation vibration alarm real time value Navigation bar Type USB C charging port |
Numéro de pièce similaire - PCE-RDM5 |
|
Description similaire - PCE-RDM5 |