Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA8581 Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce PCA8581
Description  128 x 8-bit EEPROM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8581 Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button PCA8581 Datasheet HTML 9Page - NXP Semiconductors PCA8581 Datasheet HTML 10Page - NXP Semiconductors PCA8581 Datasheet HTML 11Page - NXP Semiconductors PCA8581 Datasheet HTML 12Page - NXP Semiconductors PCA8581 Datasheet HTML 13Page - NXP Semiconductors PCA8581 Datasheet HTML 14Page - NXP Semiconductors PCA8581 Datasheet HTML 15Page - NXP Semiconductors PCA8581 Datasheet HTML 16Page - NXP Semiconductors PCA8581 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Apr 02
13
Philips Semiconductors
Product specification
128
× 8-bit EEPROM with I2C-bus interface
PCA8581; PCA8581C
12.2
Slave address
The PCA8581 has a fixed combination 1 0 1 0 as group 1, while group 2 is fully programmable (see Fig.13).
12.3
Diode protection
Fig.13 Slave address.
handbook, halfpage
MLB892
1
0
1
0
A2A1A0 R/W
group 1
group 2
Fig.14 Device diode protection.
There is no connection between SCL and VDD, and SDA and VDD; this allows powering down the device without affecting I2C-bus operation.
handbook, halfpage
MLB894
SCL
SDA
A2
A1
A0
VDD
VSS
TEST
substrate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20