Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA8514P Fiches technique(PDF) 39 Page - NXP Semiconductors

No de pièce PCA8514P
Description  Stand-alone OSD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8514P Fiches technique(HTML) 39 Page - NXP Semiconductors

Back Button PCA8514P Datasheet HTML 35Page - NXP Semiconductors PCA8514P Datasheet HTML 36Page - NXP Semiconductors PCA8514P Datasheet HTML 37Page - NXP Semiconductors PCA8514P Datasheet HTML 38Page - NXP Semiconductors PCA8514P Datasheet HTML 39Page - NXP Semiconductors PCA8514P Datasheet HTML 40Page - NXP Semiconductors PCA8514P Datasheet HTML 41Page - NXP Semiconductors PCA8514P Datasheet HTML 42Page - NXP Semiconductors PCA8514P Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
1995 Nov 27
39
Philips Semiconductors
Product specification
Stand-alone OSD
PCA8514
Fig.32 Space Code and Carriage Return Code in Box shadowing mode.
handbook, full pagewidth
RED
BLUE
CR code
01 2345
6 7
8 910 11 012 345
6 7 8 910 11
YELLOW(background)
CYAN (background)
SP code is an opaque pattern with the background colour of the character it
intends to change or keep.
CR code is always a transparent pattern with the video signal as its background.
SP code can change the background colour of itself and the character/word next to it
(in this example: from cyan to yellow).
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
01 2345
6 7
8 910 11 012 345
6 7 8 910 11
SP code
MRA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64