| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA8514 Fiches technique(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8514 Fiches technique(HTML) 39 Page - NXP Semiconductors |
|
39 / 64 page ![]() 1995 Nov 27 39 Philips Semiconductors Product specification Stand-alone OSD PCA8514 Fig.32 Space Code and Carriage Return Code in Box shadowing mode. handbook, full pagewidth RED BLUE CR code 01 2345 6 7 8 910 11 012 345 6 7 8 910 11 YELLOW(background) CYAN (background) SP code is an opaque pattern with the background colour of the character it intends to change or keep. CR code is always a transparent pattern with the video signal as its background. SP code can change the background colour of itself and the character/word next to it (in this example: from cyan to yellow). 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 01 2345 6 7 8 910 11 012 345 6 7 8 910 11 SP code MRA855 |