| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA84C646P Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA84C646P Fiches technique(HTML) 2 Page - NXP Semiconductors |
|
2 / 72 page ![]() 1995 Jun 15 2 Philips Semiconductors Preliminary specification Microcontrollers for TV tuning control and OSD applications PCA84C646; PCA84C846 CONTENTS 1 FEATURES 1.1 PCF84CXXXA kernel 1.2 VST and OSD derivative 2 GENERAL DESCRIPTION 3 ORDERING INFORMATION 4 BLOCK DIAGRAM 5 PINNING INFORMATION 5.1 Pinning 5.2 Pin description 6 RESET 6.1 Reset trip level 6.2 Reset status 7 ANALOG CONTROL 7.1 6 and 7-bit PWM outputs (PWM00 to PWM07) 7.2 VST control 14-bit PWM DAC 8 AFC INPUT 9 OSD (ON SCREEN DISPLAY) FUNCTION 9.1 Features 9.2 Horizontal display position control 9.3 Vertical display position control 9.4 Clock generator 10 DISPLAY RAM ORGANIZATION 10.1 Description of display RAM codes 10.2 Loading character data into display RAM 10.3 Writing character data to display RAM 10.4 Default value of the display character 11 CHARACTER ROM 11.1 Character ROM organization 12 OSD CONTROL REGISTERS 12.1 Derivative Register 22 (CON1) 12.2 Derivative Register 23 (CON2) 12.3 Derivative Register 33 (CON3) 12.4 Derivative Register 34 (CON4) 12.5 Derivative Register 35 (VPOS) 12.6 Derivative Register 36 (HPOS) 12.7 Derivative Register 37 (BCC) 13 COMBINATION OF TWO OR MORE FONT CELLS TO FORM A NEW FONT 14 OSD CLOCK IN DIFFERENT TV STANDARDS 14.1 Maximum number of characters per row 14.2 Maximum number of rows per frame 15 T3: 8-BIT COUNTER 16 I2C-BUS MASTER SLAVE TRANSCEIVER 17 DERIVATIVE REGISTERS 18 INPUT/OUTPUT 19 OPTION LISTS 20 LIMITING VALUES 21 DC CHARACTERISTICS 22 AC CHARACTERISTICS 23 AFC CHARACTERISTICS 24 PACKAGE OUTLINE 25 SOLDERING 26 DEFINITIONS 27 LIFE SUPPORT APPLICATIONS 28 PURCHASE OF PHILIPS I2C COMPONENTS |