| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA84C622 Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA84C622 Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 24 page ![]() 1995 May 01 4 Philips Semiconductors Product specification 8-bit microcontrollers for remote control transmitters PCA84C122; 222; 422; 622; 822 3 MEMORY AND I/O CONFIGURATIONS Note 1. 4 I/O lines with 10 mA sink capability. 4 ORDERING INFORMATION Note 1. ‘X’ in the type number denotes the numbers: 1, 2, 4, 6 and 8. DEVICE I/O LINES ROM RAM PCA84C122A 16 1K 32 bytes PCA84C122B 12 PCA84C222A 16 2K PCA84C222B 12 PCA84C422A 16 4K PCA84C422B 12 PCA84C622A 16 6K 64 bytes PCA84C622B 12 PCA84C622C 20(1) PCA84C822A 16 8K PCA84C822B 12 PCA84C822C 20(1) TYPE NUMBER(1) PACKAGE NAME DESCRIPTION VERSION PCA84CX22AP SDIP24 plastic shrink dual in-line package; 24 leads (400 mil) SOT234-1 PCA84CX22AT SO24 plastic small outline package; 24 leads; body width 7.5 mm SOT137-1 PCA84CX22BP DIP20 plastic dual in-line package; 20 leads (300 mil) SOT146-1 PCA84CX22BT SO20 plastic small outline package; 20 leads; body width 7.5 mm SOT163-1 PCA84C622CT SO28 plastic small outline package; 28 leads; body width 7.5 mm; low stand-off height SOT136-1 PCA84C822CT Fig.1 Numbering scheme. PC A 84C122 P MLA973 - 1 technology: PC = CMOS temperature range: A = 20 to 50 C package: P = plastic DIL T = plastic mini-pack (SO) generic type number o |